PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3401LP LTS3401LP |
The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3401LE LTS3401LE |
The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS2301AWC LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
FYS-40011EX-10 FYS-40011FX-20 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-50011EX-10 |
5.00 Inch (126.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-40011KX-20 FYS-40011KX-22 FYS-40011KX-21 FYS-4 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYT-2431AX-30 FYT-2431AX-01 FYT-2431AX-24 FYT-2431 |
0.24 Inch (6.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-10012EX-10 |
1.00 Inch (25.40mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3015BX-02 FYS-3015BX-00 FYS-3015AX-00 FYS-3015 |
0.30 Inch (7.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|